PART |
Description |
Maker |
SMP6LC15-2P |
LOW CAPACITANCE TVS ARRAY 3600 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
CDNBS08-T24C CDNBS08-T03 CDNBS08-T05 CDNBS08-T03C |
CDNBS08-T03~T36C - TVS Diode Array Series 500 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
Bourns Inc. Bourns, Inc.
|
PSRDA3.3-6-LF-T7 PSRDA3.3-6-T7 PSRDA3.3-6-LF-T13 P |
STEERING DIODE/ TVS ARRAY COMBO 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
TESD36FB TESD03FB TESD12FB TESD18FB |
BIDIRECTIONAL TVS DIODE ARRAY
|
StarHope
|
SP1002-02JTG SP100211 SP1002-01JTG |
SP1002 Series 5pF 8kV Bidirectional TVS Array
|
Littelfuse
|
SFC05-5-LF-T75-2 |
FLIP CHIP ARRAY 250 W, BIDIRECTIONAL, 5 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
LC0406FC3.3C07 LC0406FC36C LC0406FC05C LC0406FC08C |
LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
ULC0404FC12C |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
|